this document was generated on 05/20/2010 please check www.molex.com for latest part information part number: 0781720411 status: active overview: picoezmate description: 1.20mm (.047") pitch pico-ezmate? wire-to-board crimp terminal, gold (au) flash over nickel (ni) plated, lead free documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-78171-010 (pdf) agency certification csa lr19980 ul e29179 general product family crimp terminals series 78172 crimp quality equipment yes overview picoezmate product name pico-ezmate? physical durability (mating cycles max) 10 flammability 94v-0 gender receptacle material - metal copper-nickel-silicon material - plating mating gold material - plating termination gold packaging type reel termination interface: style crimp or compression wire insulation diameter 0.60mm( .024") and 0.70mm(.028 wire size awg 28, 30 wire size mm2 n/a material info reference - drawing numbers application specification as-78172-001, as-78172-006 packaging specification pk-89990-681 product specification ps-78171-010, rps-78171-007 sales drawing sd-78172-009 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 78172 series mates with 78171 pcb header use with 78172 crimp receptacle... application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # fineadjust? applicator for 1.20mm (.047") pico- ezmate? wire-to- board terminals 0639011300 t2 terminator for 1.20mm (.047") pico- ezmate?, 28-30 awg 0639111300
hand crimp tool for pico-ezmate? wire- to-board terminal, 28-30 awg for loose parts only 0638194300 extraction tool 0638132700 hand tool for 1.20mm (.047") pitch pico-ezmate? crimp terminals, 28 awg for reeled product 0638194800 hand tool for 1.20mm (.047") pitch pico-ezmate? crimp terminals, 30 awg for reeled product 0638230100 this document was generated on 05/20/2010 please check www.molex.com for latest part information
|